Part Number Hot Search : 
TDA8783 4148W SD400 DSP56725 NX7102 NJM2903D MBRF2010 20035
Product Description
Full Text Search
 

To Download APW7073KE-TY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APW7073
Synchronous Buck PWM Controller
Features
* * * * * * * * * *
Single 12V Power Supply Required 0.6V Reference with 1% Accurate Shutdown and Soft-start Function Programmable Frequency Range from 50 kHz to 1000kHz Voltage Mode PWM Control Design Up to 100% Duty Cycle Under-Voltage Protection Over-Current Protection SOP-14, QFN-16 Packages Lead Free Available (RoHS Compliant)
General Description
The APW7073 is voltage mode, synchronous PWM controller which drives dual N-channel MOSFETs. The device integrates all of the control, monitoring and protecting functions into a single package, provides one controlled power output with under-voltage and over-current protections. The APW 7073 provides excellent regulation for output load variation. The internal 0.6V temperaturecompensated reference voltage is designed to meet the requirement of low output voltage applications. The device includes a 200kHz free-running triangle-wave oscillator that is adjustable from 50kHz to 1000kHz. The APW7073 with excellent protection functions:
Applications
*
Graphic Cards
POR, OCP and UVP. The Power-On-Reset (POR) circuit can monitor the VCC, EN, and OCSET voltage to make sure the supply voltage exceeds their threshold voltage while the controller is running. The Over-Current Protection (OCP) monitors the output current by using the voltage drop across the upper and lower MOSFET' RDS(ON). When the output current s reaches the trip point, the controller will run the softstart function until the fault events are removed. The Under-Voltage Protection (UVP) monitors the voltage at FB pin (VFB) for short-circuit protection, when the VFB is less than 50% of VREF, the controller will shutdown the IC directly.
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006 1 www.anpec.com.tw
APW7073
Pin Outs
SSDONE OCSET
16 SS COMP FB EN 1 2 3 4 5 REFIN
15
14
RT
13 12 PVCC LGATE GND BOOT
VCC
RT OCSET SS COMP 10 9 FB EN GND
1 2 3 4 5 6 7 SOP-14 TOP VIEW
14 13 12 11 10 9 8
VCC PVCC LGATE PGND BOOT UGATE PHASE
Metal GND Pad (Bottom)
11
6 GND
7 PHASE
8 UGATE
QFN-16 TOP VIEW
Ordering and Marking Information
APW7073 Lead Free Code Handling Code Temp. Range Package Code APW7073 K : APW7073 XXXXX APW7073 XXXXX Package Code K : SOP - 14 Q : QFN - 16 Temp. Range E : -20 to 70 C Handling Code TU : Tube TR : Tape & Reel TY : Tray (for QFN only) Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code
APW7073 Q :
XXXXX - Date Code
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature.
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
2
www.anpec.com.tw
APW7073
Block Diagram
VCC OCSET GND
EN
Power-On Reset IOCSET 200uA
SSDONE (QFN ONLY) ISS 30uA SS 50%VREF :2
O.C.P Comparator 0.27V
BOOT
UGATE Soft Start O.C.P Comparator
PHASE
VREF REFIN (QFN ONLY)
U.V.P Comparator PVCC PWM Comparator
Gate Control
LGATE
Error Amp PGND Sawtooth Wave
Oscillator
FB
COMP
RT
Absolute Maximum Ratings
Symbol VCC, PVCC BOOT UGATE, VCC, PVCC to GND BOOT to PHASE UGATE to PHASE <400ns pulse width >400ns pulse width LGATE to PGND <400ns pulse width >400ns pulse width PHASE to GND <400ns pulse width >400ns pulse width Parameter Rating -0.3 to +16 -0.3 to +16 -5 to BOOT+5 -0.3 to BOOT +0.3 -5 to PVCC+5 -0.3 to PVCC +0.3 -5 to +21 -0.3 to 16 Unit V V V
LGATE
V
PHASE
V
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
3
www.anpec.com.tw
APW7073
Absolute Maximum Ratings (Cont.)
Symbol RT, OCSET, SSDONE Parameter RT, OCSET, SSDONE to GND Rating VCC+0.3 -0.3 to 7 -0.3 to +0.3 -20 to 150 -65 to 150 300 2 Unit V V V C C C KV
FB, COMP, REFIN FB, COMP, REFIN to GND PGND TJ TSTG TSDR VESD PGND to GND Junction Temperature Range Storage Temperature Soldering Temperature (10 Seconds) Minimum ESD Rating
NOTE 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. NOTE 2: The device is ESD sensitive. Handling precautions are recommended.
Recommended Operating Conditions
Symbol VCC, PVCC VIN VOUT IOUT TA TJ IC Supply Voltage Converter Input Voltage Converter Output Voltage Converter Output Current Ambient Temperature Range Junction Temperature Range Parameter Rating 10.8 to 13.2 2.2 to 13.2 0.6 to 5 0 to 25 -20 to 70 -20 to 125 Unit V V V A C C
Electrical Characteristics
Unless otherwise specified, these specifications apply over VCC=12V, and TA =-20~70C. Typical values are at TA=25C.
Symbol
Parameter
Test Conditions
APW7073 Min Typ Max
Unit
INPUT SUPPLY CURRENT ICC VCC Supply Current (Shutdown mode) VCC Supply Current POWER-ON RESET Rising VCC Threshold Falling VCC Threshold
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006 4
UGATE, LGATE and EN = GND UGATE and LGATE Open
0.5 5
1 10
mA mA
9 7.5
9.5 8
10.0 8.5
V V
www.anpec.com.tw
APW7073
Electrical Characteristics (Cont.)
Unless otherwise specified, these specifications apply over VCC=12V, and TA =-20~70C. Typical values are at TA=25C.
Symbol
Parameter
Test Conditions
APW7073 Min Typ 1.3 0.1 1.3 0.1 -15 +15 200 50 1.6 0 0.60 -1 +1 88 15 6 0.1 5.5 0 1 100 1000 Max
Unit
POWER-ON RESET (Cont.) Rising VOCSET Threshold VOCSET Hysteresis Voltage Rising EN threshold Voltage EN Hysteresis Voltage OSCILLATOR Accuracy FOSC Free Running Frequency Adjustment Range VOSC Duty VREF Ramp Amplitude Duty Cycle Range Reference Voltage Reference Voltage Tolerance PWM ERROR AMPLIFIER Gain SR Open Loop Gain Slew Rate FB Input Current VCOPM COMP High Voltage VCOPM COMP Low Voltage ICOMP ICOMP IUGATE IUGATE ILGATE ILGATE COMP Source Current COMP Sink Current Upper Gate Source Current Upper Gate Sink Current Lower Gate Source Current Lower Gate Sink Current COMP = 2V COMP = 2V BOOT = 12V, VUGATE -VPHASE = 2V BOOT = 12V, VUGATE -VPHASE = 2V PVCC = 12V, VLGATE = 2V PVCC = 12V, VLGATE = 2V BOOT = 12V, IUGATE = 0.1A
5
V V V V % kHz kHz V % V % dB MHz V/us uA V V mA mA A A A A 3 2.4
RT = open RT pin: resistor to GND; resistor to VCC (nominal 1.35V to 2.95V)
REFERENCE
RL = 10k, CL = 10pF (NOTE3) RL = 10k, CL = 10pF (NOTE3) RL = 10k, CL = 10pF (NOTE3) VFB = 0.6V
GBWP Open Loop Bandwidth
5 5 2.6 1.05 4.9 1.4 2 1.6
GATE DRIVERS
RUGATE Upper Gate Source Impedance BOOT = 12V, IUGATE = 0.1A RUGATE Upper Gate Sink Impedance
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
www.anpec.com.tw
APW7073
Electrical Characteristics (Cont.)
Unless otherwise specified, these specifications apply over VCC=12V, and TA =-20~70C. Typical values are at TA=25C.
Symbol
Parameter
Test Conditions
APW7073 Min Typ 1.3 1.25 20 Max 1.95 1.88
Unit
GATE DRIVERS (Cont.) RLGATE RLGATE TD Lower Gate Source Impedance Lower Gate Sink Impedance Dead Time FB Under Voltage Level IOCSET VOCP ISS OCSET Source Current OCP Voltage Soft-Start Charge Current SSDONE Low Voltage
NOTE 3: Guaranteed by design NOTE 4: QFN Only
PVCC = 12V, ILGATE = 0.1A PVCC = 12V, ILGATE = 0.1A
nS
PROTECTION Percent of VREF VOCSET = 11.5V 45 150 230 24 ISSDONE = 5mA (NOTE4) 50 200 270 30 0.25 55 250 310 36 0.35 % uA mV uA V
ENABLE/SOFT START
Typical Application Circuit
1uF
12V
1N4148 1nF 1uH
VIN
PVCC VCC SSDONE RT ON
OCSET
2.37K 1uF 470uFx2 0.1uF 470uF
BOOT UGATE
APM2509
EN OFF SS
22nF
2.2uH
VOUT
PHASE
1.5nF APM2506 SCD24 7.5 1000uFx2
REFIN COMP
LGATE PGND GND
8.2nF
33nF
FB
2.7K 1K
2K
18
68nF
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
6
www.anpec.com.tw
APW7073
Function Pin Descriptions
VCC Power supply input pin. Connect a nominal 12V power supply to this pin. The power-on reset function monitors the input voltage by this pin. It is recommended that a decoupling capacitor (1 to 10uF) be connected to GND for noise decoupling. PVCC This pin provides a supply voltage for the lower gate drive, connect this pin to VCC pin in normal use. BOOT This pin provides the bootstrap voltage to the upper gate driver for driving the N-channel MOSFET. PHASE This pin is the return path for the upper gate driver. Connect this pin to the upper MOSFET source. This pin is also used to monitor the voltage drop across the MOSFET for over-current protection. GND This pin is the signal ground pin. Connect the GND pin to a good ground plane. PGND This pin is the power ground pin for the lower gate driver. It should be tied to GND pin on the board. COMP This pin is the output of PWM error amplifier. It is used to set the compensation components. FB RT This pin is the inverting input of the PWM error amplifier. It is used to set the output voltage and the compensation components. This pin is also monitored for undervoltage protection; if the FB voltage is under 50% of reference voltage, the device will be shut down. This pin allows adjusting the switching frequency. Connect a resistor from RT pin to the ground to increase the switching frequency. Conversely, connect a resistor from RT to the VCC to decrease the switching frequency.
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006 7 www.anpec.com.tw
UGATE This pin is the gate driver for the upper MOSFET of PWM output. LGATE This pin is the gate driver for the lower MOSFET of PWM output. SS Connect a capacitor to GND and a 10uA current source charges this capacitor to set the soft-start time. OCSET This pin serves two functions: a shutdown control and the setting of over current limit threshold. Pulling this pin below 1.3V will shutdown the controller, forcing the UGATE and LGATE signals to be low. A resistor (Rocset) connected between this pin and the drain of the high side MOSFET will determine the over current limit. An internal 200uA current source will flow through this resistor, creating a voltage drop, which will be compared with the voltage across the high side MOSFET. The threshold of the over current limit is therefore given by:
IPEAK = R DS(ON) IOCSET (200uA ) x R OCSET
EN Pull this pin above 1.3V to enable the device and pull this pin below 1.2V to disable the device. In shutdown, the SS is discharged and the UGATE and LGATE pins are held low. Note that don' leave this pin open. t
APW7073
Function Pin Descriptions (Cont.)
SSDONE This pin is an open drain device; connect a pull up resistor to VCC for SSDONE function. REFIN This pin provides a external reference voltage instead of the internal 0.6V reference. The REFIN pin is pulled to 5V internally. If the REFIN voltage is less than 4V, the external voltage is used.
Typical Characteristics
Power On
CH1
Power Off
VCC=12V, Vin=12V Vo=1.5V, L=1uH
CH2
CH1
VCC=12V, Vin=12V Vo=1.5V, L=1uH
CH2
CH3
CH3
CH1: VCC (5V/div) CH2: SS (2V/div) CH3: Vo (1V/div) Time: 10ms/div
CH1: VCC (5V/div) CH2: SS (2V/div) CH3: Vo (1V/div) Time: 2ms/div
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
8
www.anpec.com.tw
APW7073
Typical Characteristics (Cont.)
EN (EN=Vcc)
CH1
Shutdown (EN=GND)
VCC=12V, Vin=12V Vo=1.5V, L=1uH
CH1
VCC=12V, Vin=12V Vo=1.5V, L=1uH
CH2
CH2
CH3
CH3
CH1: EN (5V/div) CH2: SS (5V/div) CH3: Vo (1V/div) Time: 10ms/div
CH1: EN (5V/div) CH2: SS (5V/div) CH3: Vo (1V/div) Time: 10ms/div
UGATE Rising
UGATE Falling
CH1
CH1 CH2
VCC=12V, Vin=12V Vo=1.5V, L=1uH
VCC=12V, Vin=12V Vo=1.5V, L=1uH
CH2
CH3
CH3
CH1: Ug (20V/div) CH2: Lg (5V/div) CH3: Phase (10V/div) Time: 50ns/div
CH1: Ug (20V/div) CH2: Lg (5V/div) CH3: Phase (10V/div) Time: 50ns/div
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
9
www.anpec.com.tw
APW7073
Typical Characteristics (Cont.)
Load Transient Response
VCC=12V, Vin=12V Vo=1.5V, L=1uH
CH1
Under Voltage Protection
CH1
VCC=12V, Vin=12V Vo=1.5V, L=1uH
CH2
CH3
CH4
CH2
CH1: Vo (500mV/div) CH2: Io (5A/div) Time: 200us/div
CH1: SS (5V/div) CH2: Io (5A/div) CH3: Vo (1V/div) CH4: Ug (10V/div) Time: 10ms/div
Over Current Protection
CH1
Short Test
CH1
VCC=12V, Vin=12V Vo=1.5V, L=1uH
VCC=12V, Vin=12V,Vo=1.5V, L=1uH Rocset=1K[ , Rds(on)=8m[
CH2
CH3
CH2
CH3
CH4 CH4
CH1: SS (5V/div) CH2: IL (10A/div) CH3: Vo (1V/div) CH4: Ug (20V/div) Time: 10ms/div
CH1: SS (5V/div) CH2: IL (10A/div) CH3: Vo (1V/div) CH4: Ug (20V/div) Time: 10ms/div
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
10
www.anpec.com.tw
APW7073
Typical Characteristics (Cont.)
Switching Frequency vs. Junction Temperature
205
Reference Voltage vs. Junction Temperature
0.602 0.601
Switching Frequency(KHz)
200
Reference Voltage(V)
-40 -20 0 20 40 60 80 100 120
0.6 0.599 0.598 0.597 0.596 0.595
195
190
185
180
0.594 -40
-20
0
20
40
60
80
100
120
Junction Temperature (C)
Junction Temperature (C)
UGATE Source Current vs. UGATE Voltage
3.5
UGATE Sink Current vs. UGATE Voltage
3
VBOOT=12V
3
VBOOT=12V
2.5
UGATE Source Current (A)
2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 12
UGAT Sink Current (A)
2
1.5
1
0.5
0 0 2 4 6 8 10 12
UGATE Voltage (V)
UGATE Voltage (V)
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
11
www.anpec.com.tw
APW7073
Typical Characteristics (Cont.)
LGATE Source Current vs. LGATE Voltage
6 5 4
LGATE Sink Current vs. LGATE Voltage
3.5
LGATE Source Current (A)
LGATE Sink Current (A)
PVCC=12V
3 2.5 2 1.5 1 0.5 0
PVCC=12V
3 2 1 0 0 2 4 6 8 10 12
0
2
4
6
8
10
12
LGATE Voltage (V)
LGATE Voltage (V)
Function Descriptions
Power On Reset (POR) The Power-On Reset (POR) function of APW7074 continually monitors the input supply voltage (VCC), the enable (EN) pin and OCSET pin. The supply voltage (VCC) must exceed its rising POR threshold voltage. The voltage at OCSET pin is equal to VIN less a fixed voltage drop (Vocset = VIN- VROCSET). EN pin can be pulled high with connecting a resistor to VCC. The POR function initiates soft-start operation after VCC, EN and OCSET voltages exceed their POR thresholds. For operation with a single +12V power source, VIN and VCC are equivalent and the +12V power source must exceed the rising VCC threshold. The POR function inhibits operation at disabled status (EN pin low). With both input supplies above their POR thresholds, the device initiates a soft-start interval. Soft-Start/EN The SS/EN pins control the soft-start and enable or disable the controller. Connect a soft-start capacitor from SS pin to GND to set the soft-start interval. Figure1. shows the soft-start interval. When VCC reaches its Power-On-Reset threshold (9.5V), internal 30uA current source starts to charge the capacitor. When the SS reaches the enabled threshold about 1.8V, the internal 0.6V reference starts to rise and follows the SS; the error amplifier output (COMP) suddenly raises to 1.35V, which is the valley of the triangle wave of the oscillator, leads the VOUT to start up. Until the SS reaches about 4.2V, the internal reference completes the soft-start interval and reaches to 0.6V; then V OUT is in regulation. The SS still rises to 5.5V and then stops.
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
12
www.anpec.com.tw
APW7073
Function Descriptions (Cont.)
Soft-Start/EN (Cont.)
TSoft - Start = t 2 - t 1 = C SS 2 .4 V ISS
ILIMIT = I OCSET x R OCSET R DS (ON )
For the over-current is never occurred in the normal operating load range; the variation of all parameters in the above equation should be determined. - The MOSFET' RDS(ON) is varied by temperature s and gate to source voltage, the user should determine the maximum RDS(ON) in manufacturer' datasheet. s - The minimum IOCSET (170uA) and minimum ROCSET
VSS
Where: CSS = external Soft-Start capacitor ISS = Soft-Start current=30uA
Voltage
should be used in the above equation. - Note that the ILIMIT is the current flow through the upper MOSFET; ILIMIT must be greater than maximum output current add the half of inductor ripple current. An over current condition will shut down the device and discharge the CSS with a 30uA sink current and then initiate the soft-start sequence. If the over current condition is not removed during the soft-start interval,
4.2V
VOUT 1.8V
t0
t1
t2
Time
the device will be shut down while the over current is detected and the SS still rises to 4V to complete its cycle. The soft start function will be cycled until the over current condition is removed. Both over-current protections have the same behavior while an over current condition is detected. Over-Current Protection (monitor lower MOSFET) The other over-current protection monitors the output current by using the voltage drop across the lower MOSFET' RDS(ON) and this voltage drop will be coms pared with the internal 0.27V reference voltage. If the voltage drop across the lower MOSFET' RDS(ON) is s larger than 0.27V, an over-current condition is detected. The threshold of the over current limit is given by:
ILIMIT = 0.27V R DS(ON)
Figure 1. Soft-Start Internal Over-Current Protection (monitor upper MOSFET) The APW7073 provides two manners to protect the converter from abnormal output load; one monitors the voltage across the upper MOSFET and use the MOSFET pin to set the over-current trip point, the other monitors the voltage across the lower MOSFET by comparing with an internal reference voltage (0.27V). A resistor (ROCSET) connected between OCSET pin and the drain of the upper MOSFET will determine the over current limit. An internal 200uA current source will flow through this resistor, creating a voltage drop, which will be compared with the voltage across the upper MOSFET. When the voltage across the upper MOSFET exceeds the voltage drop across the R OCSET, an over-current will be detected. The threshold of the over current limit is therefore given by:
For the over-current is never occurred in the normal operating load range; the parameters RDS(ON) and ILIMIT in the above equation also have the same notices as the previous section.
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
13
www.anpec.com.tw
APW7073
Function Descriptions (Cont.)
Under Voltage Protection The FB pin is monitored during converter operation by RT Resistance (K) their own Under Voltage (UV) comparator. If the FB voltage drops below 50% of the reference voltage (50% of 0.6V = 0.3V), a fault signal is internally generated, and the device turns off both high-side and low-side MOSFET and the converter' output is latched to be s floating. Switching Frequency The APW7073 provides the oscillator switching frequency adjustment. The device includes a 200kHz free-running triangle wave oscillator. If operating in higher frequency than 200KHz, connect a resistor from RT pin to the ground to increase the switching frequency. Conversely, if operating in lower frequency than 200KHz, connect a resistor from RT to the VCC to decrease the switching frequency. Figure 2. shows how to select the resistor for the the higher frequencies and Figure 4. shows the lower frequency detail.
1000 900 800
1000 900
1000 900 800 700 600 500 400 300 200 100 0 200 300 400 500 600 700 800 900 1000
Frequency (KHz) Figure3. Oscillator Frequency vs. RT Resistance (High Frequency)
RT Resistance (K)
desired frequency. Figure 3. shows more detail for
800 700 600 500 400 300 200 50 70 90 110 130 150 170
RT Resistance (K)
700 600 500 400 300 200 100 0 10 1000
Frequency (KHz) Figure4. Oscillator Frequency vs. RT Resistance (Low Frequency)
Frequency (KHz) Figure2. Oscillator Frequency vs. RT Resistance
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006 14 www.anpec.com.tw
APW7073
Application Information
Output Voltage Selection The output voltage can be programmed with a resistive divider. Use 1% or better resistors for the resistive divider is recommended. The FB pin is the inverter input of the error amplifier, and the reference voltage is 0.6V. The output voltage is determined by: R V OUT = 0.6 x 1 + OUT R GND Where ROUT is the resistor connected from VOUT to FB and RGND is the resistor connected from FB to GND. Output Inductor Selection The inductor value determines the inductor ripple current and affects the load transient response. Higher inductor value reduces the inductor' ripple current and s induces lower output ripple voltage. The ripple current and ripple voltage can be approximated by: V - VOUT V IRIPPLE = IN x OUT FS x L VIN types of inductors, especially core that is made of ferrite, the ripple current will increase abruptly when it saturates. This will result in a larger output ripple voltage. Output Capacitor Selection Higher capacitor value and lower ESR reduce the output ripple and the load transient drop. Therefore, selecting high performance low ESR capacitors is intended for switching regulator applications. In some applications, multiple capacitors have to be parallel to achieve the desired ESR value. A small decoupling capacitor in parallel for bypassing the noise is also recommended, and the voltage rating of the output capacitors also must be considered. If tantalum capacitors are used, make sure they are surge tested by the manufactures. If in doubt, consult the capacitors manufacturer. Input Capacitor Selection The input capacitor is chosen based on the voltage rating and the RMS current rating. For reliable operation, select the capacitor voltage rating to be at least 1.3 times higher than the maximum input voltage. The maximum RMS current rating requirement is approximately IOUT/2, where IOUT is the load current. During power up, the input capacitors have to handle A smaller inductor will give the regulator a faster load transient response at the expense of higher ripple current. Increasing the switching frequency (FS) also reduces the ripple current and voltage, but it will increase the switching loss of the MOSFET and the power dissipation of the converter. The maximum ripple current occurs at the maximum input voltage. A good starting point is to choose the ripple current to be approximately 30% of the maximum output current. Once the inductance value has been chosen, select an inductor that is capable of carrying the required peak current without going into saturation. In some MOSFET Selection The selection of the N-channel power MOSFETs are determined by the RDS(ON), reverse transfer capacitance (CRSS) and maximum output current requirement. There are two components of loss in the MOSFETs:
15 www.anpec.com.tw
VOUT = IRIPPLE x ESR
where Fs is the switching frequency of the regulator. Although increase of the inductor value and frequency reduces the ripple current and voltage, a tradeoff will exist between the inductor' ripple current and the s regulator load transient response time.
large amount of surge current. If tantalum capacitors are used, make sure they are surge tested by the manufactures. If in doubt, consult the capacitors manufacturer. For high frequency decoupling, a ceramic capacitor 1uF can be connected between the drain of upper MOSFET and the source of lower MOSFET.
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
APW7073
Application Information (Cont.)
MOSFET Selection (Cont.) conduction loss and transition loss. For the upper and lower MOSFET, the losses are approximately given by the following: PUPPER = IOUT (1+ TC)(RDS(ON))D + (0.5)( IOUT)(VIN)( tSW)FS PLOWER = IOUT (1+ TC)(RDS(ON))(1-D) Where IOUT is the load current TC is the temperature dependency of RDS(ON) FS is the switching frequency D is the duty cycle Note that both MOSFETs have conduction loss while the upper MOSFET include an additional transition loss. The switching internal, tSW , is a function of the reverse transfer capacitance C RSS. The (1+TC) term is to factor in the temperature dependency of the RDS(ON) and can be extracted from the "RDS(ON) vs Temperature" curve of the power MOSFET. PWM Compensation The output LC filter of a step down converter introduces a double pole, which contributes with -40dB/decade gain slope and 180 degrees phase shift in the control loop. A compensation network among COMP, FB and VOUT should be added. The compensation network is shown in Fig. 8. The output LC filter consists of the output inductor and output capacitors. The transfer function of the LC filter is given by:
GAIN
LC
PHASE
L
OUTPUT
COUT ESR
Figure 5. The Output LC Filter
FLC -40dB/dec GAIN (dB)
tSW is the switching interval
FESR -20dB/dec
Frequency(Hz)
Figure 6. The LC Filter GAIN and Frequency The PWM modulator is shown in Figure 7. The input is the output of the error amplifier and the output is the PHASE node. The transfer function of the PWM modulator is given by: VIN GAIN PWM = V OSC
VIN OSC G VOSC Driver PWM Comparator PHASE
1 + s x ESR x C OUT =2 s x L x C OUT + s x ESR x C OUT + 1
1 2xx L x C OUT
Output of Error Amplifier Driver
The poles and zero of this transfer functions are:
FLC =
Figure 7. The PWM Modulator The compensation network is shown in Figure 8. It provides a close loop transfer function with the highest zero crossover frequency and sufficient phase margin. The transfer function of error amplifier is given by:
16 www.anpec.com.tw
FESR =
1 2 x x ESR x C OUT
The FLC is the double poles of the LC filter, and FESR is the zero introduced by the ESR of the output capacitor.
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
APW7073
Application Information (Cont.)
PWM Compensation (Cont.)
1 1 // R2 + sC1 sC2 GAIN AMP = 1 R1// R3 + sC3 1 1 s + x s + (R1 + R3 ) x C3 R2 x C2 R1 + R3 = x C1 + C2 1 R1 x R3 x C1 s s + x s + R2 x C1 x C2 R3 x C3 V = COMP V OUT
3.Place the first zero FZ1 before the output LC filter double pole frequency FLC. FZ1 = 0.75 X FLC Calculate the C2 by the equation:
C2 = 1 2 x x R2 x FLC x 0.75
4.Set the pole at the ESR zero frequency FESR: FP1 = FESR Calculate the C1 by the equation:
C1 = C2 2 x x R2 x C2 x FESR - 1
The poles and zeros of the transfer function are:
F Z1 1 = 2 x x R2 x C2 1 = 2 x x (R1 + R3 ) x C3 1 = C1 x C2 2 x x R2 x C1 + C2
5.Set the second pole FP2 at the half of the switching frequency and also set the second zero FZ2 at the output LC filter double pole FLC. The compensation gain should not exceed the error amplifier open loop gain, check the compensation gain at FP2 with the capabilities of the error amplifier.
C1
F Z2
FP1
FP2
1 = 2 x x R3 x C3
R3 C3 R2 C2
FP2 = 0.5 X FS FZ2 = FLC Combine the two equations will get the following component calculations:
V COMP
V OUT R1 FB V REF
R3 =
Figure 8. Compensation Network The closed loop gain of the converter can be written as:
GAINLC X GAINPWM X GAINAMP
R1 FS -1 2 x FLC 1 C3 = x R3 x FS
Figure 9. shows the asymptotic plot of the closed loop converter gain, and the following guidelines will help to design the compensation network. Using the below guidelines should give a compensation similar to the curve plotted. A stable closed loop has a -20dB/ decade slope and a phase margin greater than 45 degree. 1.Choose a value for R1, usually between 1K and 5K. 2.Select the desired zero crossover frequency FO: (1/5 ~ 1/10) X FS >FO>FESR Use the following equation to calculate R2:
R2 = V OSC F x O x R1 V IN FLC
17
FZ1 FZ2
FP1
FP2
GAIN (dB)
20log (R2/R1)
Compensation Gain
20log (VIN/GVOSC)
FLC FESR PWM & Filter Gain Frequency(Hz) Converter Gain
Figure 9. Converter Gain and Frequency
www.anpec.com.tw
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
APW7073
Application Information (Cont.)
Layout Considerations In any high switching frequency converter, a correct layout is important to ensure proper operation of the regulator. With power devices switching at 300KHz, the resulting current transient will cause voltage spike across the interconnecting impedance and parasitic circuit elements. As an example, consider the turn-off transition of the PWM MOSFET. Before turn-off, the MOSFET is carrying the full load current. During turn-off, current stops flowing in the MOSFET and is free-wheeling by the lower MOSFET and parasitic diode. Any parasitic inductance of the circuit generates a large voltage spike during the switching interval. In general, using short, wide printed circuit traces should minimize interconnecting impedances and the magnitude of voltage spike. And signal and power grounds are to be kept separate till combined using ground plane construction or single point grounding. Figure 10. illustrates the layout, with bold lines indicating high current paths; these traces must be short and wide. Components along the bold lines should be placed lose together. Below is a checklist for your layout: - Keep the switching nodes (UGATE, LGATE and PHASE) away from sensitive small signal nodes since these nodes are fast moving signals. Therefore, keep traces to these nodes as short as possible. - The traces from the gate drivers to the MOSFETs (UG, LG) should be short and wide. - Place the source of the high-side MOSFET and the drain of the low-side MOSFET as close possible. Minimizing the impedance with wide layout plane between the two pads reduces the voltage bounce of the node. - Decoupling capacitor, compensation component,
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006 18 www.anpec.com.tw
the resistor dividers, boot capacitors, and SS capacitors should be close their pins. (For example, place the decoupling ceramic capacitor near the drain of the high-side MOSFET as close as possible. The bulk capacitors are also placed near the drain). - The input capacitor should be near the drain of the upper MOSFET; the output capacitor should be near the loads. The input capacitor GND should be close to the output capacitor GND and the lower MOSFET GND. - The drain of the MOSFETs (VIN and PHASE nodes) should be a large plane for heat sinking.
APW7073 VCC PVCC BOOT UGATE PHASE LGATE
VIN
L O A D
VOUT
Figure 10. Layout Guidelines
APW7073
Package Information
SOP - 14 (150mil)
E
H
0.015 x 45
D
C
A e B
GAUGE PLANE SEATING PLANE
A1
0.010
L
Dim A A1 B C D E e H L
Millimeters Min. 1.477 0.102 0.331 0.191 8.558 3.82 1.274 5.808 0.382 0 6.215 1.274 8 0.228 0.015 0 Max. 1.732 0.255 0.509 0.2496 8.762 3.999 Min. 0.058 0.004 0.013 0.0075 0.336 0.150
Inches Max. 0.068 0.010 0.020 0.0098 0.344 0.157 0.050 0.244 0.050 8
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
19
www.anpec.com.tw
APW7073
Packaging Information
QFN-16
D
e
b
E
E2
L
D2 A2 A3
Dim A A1 A2 A3 D E b D2 E2 e L
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
A
A1
Millimeters Min. 0.76 0.00 0.57 0.20 REF. 3.90 3.90 0.25 2.05 2.05 0.650 BSC 0.50 0.60 0.002 4.10 4.10 0.35 2.15 2.15 0.154 0.154 0.010 0.081 0.081 0.0257BSC 0.024 Max. 0.84 0.04 0.63 Min. 0.030 0.00 0.022 0.008 REF. 0.161 0.161 0.014 0.085 0.085 Inches Max. 0.033 0.0015 0.025
20 www.anpec.com.tw
APW7073
Physical Specifications
Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3.
Reflow Condition
TP
(IR/Convection or VPR Reflow)
tp Critical Zone T L to T P
Ramp-up
Temperature
TL Tsmax
tL
Tsmin Ramp-down ts Preheat
25
t 25 C to Peak
Tim e
Classification Reflow Profiles
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (TL) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds
6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface.
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006 21 www.anpec.com.tw
APW7073
Classification Reflow Profiles(Cont.)
Table 1. SnPb Entectic Process - Package Peak Reflow Temperatures 3 3 Package Thickness Volum e m m Volume mm <350 350 <2.5 m m 240 +0/-5C 225 +0/-5C 2.5 m m 225 +0/-5C 225 +0/-5C
Table 2. Pb-free Process - Package Classification Reflow Temperatures 3 3 3 Package Thickness Volume mm Volume mm Volume mm <350 350-2000 >2000 <1.6 m m 260 +0C* 260 +0C* 260 +0C* 1.6 m m - 2.5 m m 260 +0C* 250 +0C* 245 +0C* 2.5 m m 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device manufacturer/supplier shall assure process compatibility up to and including the stated classification temperature (this means Peak reflow temperature +0C. For example 260C+0C) at the rated MSL level.
Reliability Test Program
Test item SOLDERABILITY HOLT PCT TST ESD Latch-Up Method MIL-STD-883D-2003 MIL-STD-883D-1005.7 JESD-22-B,A102 MIL-STD-883D-1011.9 MIL-STD-883D-3015.7 JESD 78 Description 245C, 5 SEC 1000 Hrs Bias @125C 168 Hrs, 100%RH, 121C -65C~150C, 200 Cycles VHBM > 2KV, VMM > 200V 10ms, 1 tr > 100mA
Carrier Tape & Reel Dimensions
t P P1 D
Po E
F W
Bo
Ao
Ko D1
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
22
www.anpec.com.tw
APW7073
Carrier Tape & Reel Dimensions(Cont.)
T2
J C A B
T1
Application
SOP-14 (150mil)
A 330REF F 7.5
B 100REF D 0.50 + 0.1
C 13.0 + 0.5 - 0.2 D1 1.50 (MIN)
J 2 0.5 Po 4.0
T1 16.5REF P1 2.0
T2 2.5 025 Ao 6.5
W 16.0 0.3 Ko 2.10
P 8 t 0.30.05
E 1.75
(mm)
5x5 Shipping Tray
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
23
www.anpec.com.tw
APW7073
5x5 Shipping Tray (Cont.)
Cover Tape Dimensions
Application SOP- 14 Carrier Width 24 Cover Tape Width 21.3 Devices Per Reel 2500
Customer Service
Anpec Electronics Corp. Head Office : No.6, Dusing 1st Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369
Copyright (c) ANPEC Electronics Corp. Rev. A.1 - Apr., 2006
24
www.anpec.com.tw


▲Up To Search▲   

 
Price & Availability of APW7073KE-TY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X